PART |
Description |
Maker |
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P8SG-053R6ZH52M P8SG-0505ZH52M P8SG-247R2ZH52M |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-7.2V ( /-100mA), 5.2KV isolated 1.5W regulated single output
|
PEAK electronics
|
NSD15-12D12 NSD15-12D15 NSD15-12D5 NSD15-12S12 NSD |
15W DC-DC Regulated Dual Output 15W DC-DC Regulated Single Output
|
Mean Well Enterprises Co., Ltd.
|
NSD05-12S12 NSD05-12S15 NSD05-12S3 NSD05-12S5 NSD0 |
5W DC-DC Regulated Single Output
|
Mean Well Enterprises Co., Ltd.
|
NSD05-S10 NSD05-12S5 NSD05-12S3 NSD05-48S12 NSD05- |
5W DC-DC Regulated Single Output
|
Mean Well Enterprises Co., Ltd. Mean Well Enterprises Co., ...
|
SPA02B-05 SPA02E-05 SPA02B-12 SPA02C-05 SPA02C-12 |
2W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
URF2415LP-20W URF2424LP-20W |
REGULATED SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
IP4812SA IP4815S IP4803SA IP4805S IP4805SA |
Regulated Single & Dual Output
|
XP Power Limited
|
SRS-1209 SRS-1212 SRS-1205 SRS-2405 SRS-1215 SRS-2 |
0.5W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises
|
SPR01N-12 |
1W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises C...
|
SKM30B-05 SKM30A-05 SKM30C-12 |
30W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
P26TG-4815E41M P26TG-2405E41M P26TG-2412E41M P26TG |
1.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|